Part Number Hot Search : 
7JTCTR1 CX100 SA102 P2J225 MA739 EPA3897G SHD12 AN140
Product Description
Full Text Search
 

To Download APL5883-28EC-TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APL5883
300mA Low Dropout Linear Regulator of Adjustable and Fixed 2.85V , 3.3V
Features
* * * * * * * * *
Low Dropout Voltage of 1.3V at 300mA Output Voltage Accuracy 2.0% Line Regulation - 1mV (typ.) Load Regulation - 6mV (typ.) Input Voltage Range up to 9V Internal Current Limiting and Thermal Shutdown Protections Adjustable Output : 1.25V ~ 7.75V Available Output Voltages - Ajdustable , 2.85V and 3.3V Various SOT-89 and TO-92 Packages Available
* *
Portable Consumer Equipment
Low Voltage Systems
General Description
The APL5883 is a 3-pin low dropout linear regulator with 2.0% accuracy of output voltage over line, load and temperature variations. Dropout voltage at 300mA output current is less than 1.2V. Both output current limiting and thermal shutdown are built in to provide maximal protection to the APL5883 against fault conditions. The over current and thermal shutdown circuits become active when the current exceed 300mA, or the junction temperature reach 150C. Normal operation is recovered when junction temperature drops below 130C.
Applications
* * * *
Voltage Regulator for CD-ROM Drivers Voltage Regulator for LAN Cards Wireless Communication Systems Portable Instrument
Pin Configuration
3
V OUT V IN A D J/G N D
2
1
2
3
1
A D J / G N D V IN
VOUT
SOT-89 (Top View)
TO-92 (Top View)
Ordering and Marking Information
AP L5883L e a d F re e C o d e H a n d lin g C o d e Tem p. R ange P ackage C ode V o lta g e C o d e P ackage C ode D : S O T -8 9 E : T O -9 2 Tem p. R ange C : 0 to 7 0 C H a n d lin g C o d e TU : Tube TR : Tape & R eel V o lta g e C o d e 2 8 : 2 .8 5 V 3 3 : 3 .3 V B la n k : A d ju s ta b le V e r s io n L e a d F re e C o d e L : L e a d F r e e D e v ic e B la n k : O r ig in a l D e v ic e APL 5883 XXXXX APL 5883 XXXXX28 APL 5883 XXXXX33
A P L5883 D :
A P L5883 XXXXX
XXXXX
-
D a te C o d e
A P L5883 E :
XXXXX
-
D a te C o d e
A P L 5 8 8 3 -2 8 D :
A P L5883 XXXXX28
XXXXX
-
D a te C o d e
A P L 5 8 8 3 -2 8 E :
XXXXX
-
D a te C o d e
A P L 5 8 8 3 -3 3 D :
A P L5883 XXXXX33
XXXXX
-
D a te C o d e
A P L 5 8 8 3 -3 3 E :
XXXXX
-
D a te C o d e
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and drvise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003 1 www.anpec.com.tw
APL5883
Block Diagram
V IN Thermal Shutdown
+
-
Current Limit
VOUT
V REF
GND
Absolute Maximum Ratings
Symbol VIN IOUT TA TJ TSTG PD JA Parameter Input Voltage Output Current Operating Ambient Temperature Range Operating Ambient Temperature Range Storage Temperature Range Power Dissipation Package Thermal Resistance SOT-89 TO- 92 Rating 9 300 0 to 70 -40 to +150 -65 to +150 Internal Limited 180 180 C / W Unit V mA C C C
Electrical Characteristics
Symbol VREF VIN VOUT IOUT ISC IQ Parameter
Reference Voltage
(TA=25C, unless otherwise noted)
APL5883 Min.
1.225 VOUT+1.3V
Test Condition
1.5V( V I N - V O U T ) 7. 75 V 10 mA I O U T 3 0 0 m A, T J =0 ~1 25 C
Typ. 1.250
Max. 1.275 9 1.02 VOUT
Unit V V V mA
Input Voltage Output Voltage Output Current Capability Short Circuit Current Quiescent Current IOUT=10mA VOUT=3.3V , VOUT=2% VOUT<0.4V VIN=5V , No Load
0.98 VOUT 300 500 6
mA 10 mA
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
2
www.anpec.com.tw
APL5883
Electrical Characteristics cont.
Symbol Parameter
(TA=25C, unless otherwise noted)
APL5883 Min. Typ. 1 6 1200 55 150 100 100 Max. 6 12 1300
Test Condition IOUT=10mA , VIN=5V to 8V IOUT=1mA~300mA
Unit mV mV mV dB C Vrms ppm/C
REGLINE Line Regulation REGLOAD Load Regulation
VDROPOUT Dropout Voltage IOUT=300mA , VOUT=1% Power Supply Rejection PSRR at 1kHz Ratio Over Temperature OTS Shutdown EN Output Noise Output Voltage TC Temperature Coefficient
Application Schematic
1.25V to 7V Adjustable Regulator Fixed 2.85 and 3.3V Regulator
A P L588 3 V IN IN ADJ OUT R1 +
1F
APL5883
V OUT
V IN
IN
O UT G ND
V OU T
+ R2
10F
1F
10F
VOUT = 1.250Vx
R1+ R2 R1
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
3
www.anpec.com.tw
APL5883
Typical Characteristics
Line Transient Response
(CL=1F, IOUT=1mA)
Line Transient Response
25 20
6 5 4 V IN 10
(CL=10F, IOUT=10mA)
6 5 V IN 4 3 2 1 0 V OUT
20
15
Output Voltage (mV)
Input Voltage (V)
Input Voltage (V)
10 5 0 -5 0 10 20 30 40 50 60 70 80 90 100
3 2 1 0 -10 0 10 20 30 40 50 60 70 80 90100 V OUT 0
Time (ns)
Time (ns)
Load Transient Response
0.4 0.3 0.2 0.1 V IN
(CL=10F, VIN=5V)
Output Voltage vs. Input Voltage
30 25 20 15 3 2.5 1mA 50mA 10mA
3.5
Output Current (A)
0 -0.1 -0.2 -0.3 -0.4 -200
5 0 -5 200 600 1000 1400 -10 1800
Output Voltag (V)
V OUT
10
2 1.5 1 0.5 300mA
2
2.5
3
3.5
4
4.5
5
Time (ns)
Input Voltage (V)
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
4
www.anpec.com.tw
Output Voltage (mV)
APL5883
Typical Characteristics (Cont.)
Output Voltage vs. Input Voltage Input Current vs. Input Voltage
3.35
8 7
3.33 3.31 3.29 Input Current (mA) Output Voltage (V)
6 5 4 3 2 1 0 0 2 4 6 8 10
3.27 3.25 5
6
7
8
9
10
Input Voltage (V)
Input Voltage (V)
Short Current vs. Input Voltage 700 600 3.33 500 400 Short Current (mA) 300 200 100 0 0 2 4 6 8 10 Output Voltage (V) 3.31 3.29 3.27 3.35
Output Voltage vs. Output Current
3.25 0
100
200
300
Input Voltage (V)
Output Current (mA)
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
5
www.anpec.com.tw
APL5883
Typical Characteristics (Cont.)
Dropout Voltage vs. Output Current
Short Current vs. Temperature 550 540 530 520 Short Current (mA) 510 500 490 480 -50 0 50 100 150 Temperature ( C)
1240 1220 1200 1180 Dropout Voltage (mV) 1160 1140 1120 1100 1080 1060 0 50 100 150 200 250 30
Output Current (mA)
Output Voltage vs. Temperature
3 .3 5 3 .3 4 3 .3 3 .3 2 3 .3 1 9 8 7 6 5
Input Current vs. Temperature
Short Current (mA)
3 .3 0
Output Voltage (V)
3 .2 9 3 .2 8 3 .2 7 3 .2 6 3 .2 5 0 -5 0 50 100 150
4 3 2 1 0 -5 0 0 50 100 150
Temperature (C)
Temperature ( C)
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
6
www.anpec.com.tw
APL5883
Packaging Information
TO-92
3 J e e1 2 1 L1 Q A L2 L SEATING PLANE E b2 S D
b S
Dim A b b2 D E e e1 J L L1 L2 Q S
Millimeters Min. Max. 4.58 0.41 0.41 4.96 3.94 2.42 1.15 3.43 12.70 1.27 6.35 2.93 2.42 2.66 5.33 0.53 0.48 5.20 4.19 2.66 1.39
Inches Min. 0.170 0.160 0.160 0.175 0.125 0.095 0.045 0.135 0.500 0.050 0.250 0 . 11 5 0.080 0.105 Max. 0.210 0.021 0.019 0.205 0.165 0.105 0.055
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
7
www.anpec.com.tw
APL5883
Packaging Information
SOT-89 (Reference EIAJ ED-7500A Reg stration SC-62)
D
D1
a E H 1 2 3
L B1 B e e1 C
A a
D im A B B1 C D D1 e e1 E H L
M illim eters M in. 1.40 0.40 0.35 0.35 4.40 1.35 1.50 B SC 3.00 B SC 2.29 3.75 0.80 2.60 4.25 1.20 10 0.090 0.148 0.031 M ax. 1.60 0.56 0.48 0.44 4.60 1.83 M in. 0.055 0.016 0.014 0.014 0.173 0.053
Inches M ax. 0.063 0.022 0.019 0.017 0.181 0.072 0.059 BSC 0.118 B SC 0.102 0.167 0.047 10
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
8
www.anpec.com.tw
APL5883
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
TP
(IR/Convection or VPR Reflow)
tp C ritical Zone T L to T P
R am p-up
T e m p e ra tu re
TL T sm ax
tL
T sm in R am p-down ts Preheat
25
t 25 C to Peak
T im e
Classificatin Reflow Profiles
Profile Feature Sn-Pb Eutectic Assembly Large Body Small Body Pb-Free Assembly Large Body Small Body 3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds 245 +0/-5C 250 +0/-5C 10-30 seconds 20-40 seconds
Average ramp-up rate 3C/second max. (TL to TP) Preheat - Temperature Min (Tsmin) 100C - Temperature Mix (Tsmax) 150C - Time (min to max)(ts) 60-120 seconds Tsmax to TL - Ramp-up Rate Tsmax to TL - Temperature(TL) 183C - Time (tL) 60-150 seconds Peak Temperature(Tp) 225 +0/-5C 240 +0/-5C Time within 5C of actual Peak 10-30 seconds 10-30 seconds Temperature(tp) Ramp-down Rate 6C/second max. 6 minutes max. Time 25C to Peak Temperature
6C/second max. 8 minutes max.
Note: All temperatures refer to topside of the package. Measured on the body surface.
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
9
www.anpec.com.tw
APL5883
Reliability test Program
Test item SOLDERABILITY HOLT PCT TST ESD Latch-Up Method MIL-STD-883D-2003 MIL-STD-883D-1005.7 JESD-22-B, A102 MIL-STD-883D-1011.9 MIL-STD-883D-3015.7 JESD 78 Description 245 C , 5 SEC 1000 Hrs Bias @ 125 C 168 Hrs, 100 % RH , 121 C -65 C ~ 150 C , 200 Cycles VHBM > 2KV, VMM > 200V 10ms , Itr > 100mA
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
T2
J C A B
T1
Application SOT-89 Application SOT-89
A 178 1 F
B 70 2 D
C 13.5 0.15 D1 1.5 0.1
J 3 0.15 Po
T1 14 2 P1
T2 1.3 0.3 Ao
W 12 + 0.3 12 - 0.1 Bo
P 8 0.1 Ko
E 1.75 0.1 t
5.5 0.05 1.5 0.1
4.0 0.1 2.0 0.1 4.8 0.1
4.5 0.1 1.80 0.1 0.30.013 (mm)
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
10
www.anpec.com.tw
APL5883
Cover Tape Dimensions
Application SOT- 89 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 1000
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2003
11
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APL5883-28EC-TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X